Part Number Hot Search : 
KF9N25F LA76818 UA798HC MA126 BYP25K3 2721K26 MC68B21S 35005
Product Description
Full Text Search
 

To Download BD202 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  pnp BD202 ? bd204 comset semiconductors 1/3 s s i i l l c c o o n n e e p p i i t t a a x x i i a a l l - - b b a a s s e e p p o o w w e e r r t t r r a a n n s s i i s s t t o o r r s s the BD202 and bd204 are pnp transistors mounted in jedec to-220 plastic package. they are primarily intended for use in if-hi equipment delivering an output of 15 to 25 w into 4 ? ? or 8 ? load. npn complements are bd201 and bd203 compliance to rohs. absolute maximum ratings symbol ratings value unit -v ceo collector-emitter voltage BD202 45 v bd204 60 -v cbo collector-base voltage BD202 60 v bd204 60 -v ebo emitter-base voltage 5.0 v -i c collector current -i c 8 a -i cm 12 a -i csm collector current (non-repetitive peak value,t p max.2 ms) 25 a -i b base current 3 a p d total device dissipation @ t c = 25 60 w t j junction temperature 150 c t st g storage temperature range -65 to +200 c thermal characteristics symbol ratings value unit r thj-a thermal resistance, junction to mounting base 70 k/w r thj-mb thermal resistance, junction to ambient in free air 2.08 k/w www.datasheet.net/ datasheet pdf - http://www..co.kr/
pnp BD202 ? bd204 18/10/2012 comset semiconductors 3/3 electrical characteristics tc=25c unless otherwise noted symbol ratings test condition(s) min typ max unit -i ceo collector cutoff current -v ce =30 v, i b =0v BD202 - - 0.2 ma bd204 -i cbo collector cutoff current -v cb =40 v, i e =0v t j =150c BD202 - - 1 ma bd204 -i ebo emitter cutoff current -v be =5 v, i c =0 BD202 - - 0.5 ma bd204 -v cbo collector-base breakdown voltage -i c =1 m a, i e = 0 BD202 60 - - v bd204 -v ceo collector emitter breakdown voltage (*) -i c =200 m a, i b = 0 BD202 45 - - v bd204 60 - - -v ebo emitter base breakdown voltage -i e =1 ma, i c =0 BD202 5 - - v bd204 -v ce(sat) collector-emitter saturation voltage (*) -i c =3 a, -i b =300 ma BD202 - - 1 v bd204 -i c =6 a, -i b =600 ma BD202 - - 1.5 bd204 -v be(sat) base-emitter saturation voltage (*) -i c =6 a, -i b =600 ma BD202 - - 2 bd204 -v be base emitter voltage (*) -i c =3 a, -v ce =2 v BD202 - - 1.5 v bd204 h fe dc current gain (*) -i c =3 a, -v ce =2 v BD202 30 - - - -i c =2 a, -v ce =2 v bd204 30 - - f hfe cut-off frequency -i c =300 ma -v ce =3 v BD202 25 - - khz bd204 f t transition frequency -i c =300 ma -v ce =3 v f= 1mhz BD202 7 - - mhz bd204 i s/b forward bias second breakdown collector current -v ce =40 v,t p = 0.1 s t amb = 25 c BD202 1.5 - - a bd204 h fe1 /h fe2 dc current gain -i c =1 a, v ce =2 v BD202 2.5 - - - bd204 t on turn-on time -i con =2 a -i bon = i boff =200 ma BD202 - - 1 s bd204 t off turn-off time BD202 - - 2 bd204 (*) pulse conditions : tp < 300 s, =2% www.datasheet.net/ datasheet pdf - http://www..co.kr/
pnp BD202 ? bd204 18/10/2012 comset semiconductors 3/3 mechanical data case to-220 dimensions (mm) min. max. a 9,90 10,30 b 15,65 15,90 c 13,20 13,40 d 6,45 6,65 e 4,30 4,50 f 2,70 3,15 g 2,60 3,00 h 15,75 17.15 l 1,15 1,40 m 3,50 3,70 n - 1,37 p 0,46 0,55 r 2,50 2,70 s 4,98 5,08 t 2.49 2.54 u 0,70 0,90 revised september 2012 ????????? information furnished is believed to be accurate and reliable. ho wever, comset semiconductors assu mes no responsibility for the consequences of use of such information nor for any infringement of patents or ot her rights of third parties which may results from its use. da ta are subject to change without notice. comset se miconductors makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does comset semiconductors assu me any liability arising out of the applic ation or use of any product and specifica lly disclaims any and all liability, including without limitation consequential or inci dental damages. comset semicon ductors? products are not author ized for use as critical components in life support devices or systems. ? www.comsetsemi.com info@comsetsemi.com pin 1 : base pin 2 : collector pin 3 : emitter case : collector www.datasheet.net/ datasheet pdf - http://www..co.kr/


▲Up To Search▲   

 
Price & Availability of BD202

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X